Part Number Hot Search : 
MMC382 HBM16PT ACE4000 72F521 MAX96701 2SC2206 PMFR2504 P6KE22CA
Product Description
Full Text Search
 

To Download KBPC25005W-KBPC2510W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 1 kbpc25005w thru kbpc2510w single phase 25 amps. silicon bridge rectifiers voltage range 50 to 1000 volts current 25 amperes features ideal for printed circuit board reliable low cost construction technique results in inexpensive product high temperature soldering guaranteed: 260 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension ul recognized file number: e347214 mechanical data case: molded plastic lead: solder plated polarity: as marked maximum ratings and electrical characteristics rating at 25 ambient temperature unle ss otherwise specified. single phase, half wave, 60hz, resistive or inducti ve load.for capacitive load, derate current by 20% type number symbols kbpc 25005w kbpc 2501w kbpc 2502w kbpc 2504w kbpc 2506w kbpc 2508w kbpc 2510w units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t c =55 i (av) 25 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method ) i fsm 300 a maximum instantaneous forward voltage at 12.5a v f 1.1 v maximum dc reverse current at rated dc blocking voltage per element i r 10 a typical thermal resistance (note) r jc 2.0 /w operating temperature range t j -55 to +125 storage temperature range t stg -55 to +150 note: thermal resistance from junction to case.
website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 2 kbpc25005w thru kbpc2510w rating and characteristic cur ves kbpc25005w thru kbpc2510w note: specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of KBPC25005W-KBPC2510W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X